Part Number Hot Search : 
BU252 W12NK 15PFI P6100 DTC643TK A222MP SEF203B PA607UA
Product Description
Full Text Search
 

To Download XC6207B50APR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GO-Compatible
May 17, 2005 V4
CMOS Low Power Consumption Dropout Voltage : 40mV@30mA 120mV@100mA Output Voltage Range : 1.2V ~ 5.0V Output Current : 300mA Low ESR Capacitor Compatible High Ripple Rejection, Low Output Noise Regulators with Green Operation (GO) Function CL High-Speed Auto-Discharge (XC6207B)
APPLICATIONS
Cellular phones Cordless phones, Wireless communication equipment Portable games Cameras, VCRs Portable AV equipment PDAs
GENERAL DESCRIPTION
The XC6207 series are precise, low noise, high speed, low dropout regulators with green operation (GO) function. They are fabricated using Torex's CMOS process. Performance features of the series include high ripple rejection and low dropout voltage, and the series include a reference voltage source, an error amplifier, a current limiter, and a phase compensation circuit. Output voltage is selectable in 50mV increments within a range of 1.2V~5.0V, using laser trimming technologies. The series' output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors. GO provides high speed operation, low power consumption and high efficiencies by automatically switching between a high speed mode (HS) and a power save mode (PS) depending upon the load current level. The switching point of the GO to the output current is being fixed inside the IC. The IC operates when the GO pin is low-level. When only high-speed operation is required, it can be fixed by inputting a high level signal to the GO pin, thus providing operating conditions with the most suitable level of supply current for the application. The CE function enables the output to be turned off resulting in greatly reduced power consumption. In this state, with the XC6207B series, the IC turns on the internal switch located between the VOUT and VSS pins. This short enables the electric charge at the output capacitor (CL) to be discharged via the internal auto-discharge resistance, and as a result the VOUT pin quickly returns to the VSS level. The constant current limit circuit and the current limiter's foldback circuit also operate as a short circuit protection for the output current limiter and the output pin.
FEATURES
Maximum Output Current : 300mA Dropout Voltage : 120mV@ IOUT=100mA Operating Voltage Range: 2.0V ~ 6.0V Output Voltage Setting Range: 1.2V ~ 5.0V (50mV increments) Accuracy : 2% (HS Mode:VOUT >1.5V) 2%,-3% (PS Mode:VOUT >1.5V) 30mV (HS Mode:VOUT1.5V) +30mV, -45mV (PS Mode:VOUT1.5V) Low Power Consumption : 5.5A (TYP.)(PS mode) 50A (TYP.)(HS mode) Standby Current : Less than 0.1A High Ripple Rejection : 70dB @ 1kHz Operating Temperature Range : -40 ~ 85 : Ceramic capacitor compatible Low ESR Capacitor Ultra Small Packages : SOT-89-5 SOT-25 USP-6C
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs. Output Current
XC6207A182xx
VIN=CE, VSS=GO=0V VIN=2.8V, CIN=CL=1.0F, Ta=25OC 80
TYPICAL APPLICATION CIRCUIT
Supply Current ISS (A)
V IN
V OUT
70 60 50 40 30 20 10 0 0 1 2 3 4 5
1
5 CL 1uF
CIN 1uF Input
V SS Input
2 3
CE
GO
4
Output Current IOUT (mA)
Data Sheet ud200527
1
XC6207 Series
PIN CONFIGURATION
VOUT
5
CE 6 VSS 5 GO 4
1 VIN 2 NC 3 VOUT
GO
4
1
VIN
2
VSS SOT-25
3
CE
GO
SOT-89-5 (TOP VIEW)
USP-6C (BOTTOM VIEW)
(TOP VIEW)
*The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS pin, No. 5.
PIN ASSIGNMENT
USP-6C 1 2 3 4 5 6 PIN NUMBER SOT-25 SOT-89-5 1 4 5 5 4 1 2 2 3 3 PIN NAME VIN NC VOUT GO VSS CE FUNCTIONS Power Input No Connection Output Green Operation Mode Switch Ground ON/OFF Control
FUNCTIONS CHART
CE pin
CE H L FUNCTION Operation Stand by
*For the XC6207B series, the output capacitor (CL) is discharged via the internal auto-discharge resistance when the CE is at low level.
CE pin
GO H L FUNCTION High Speed Mode Green Operation (HS/PS Mode Automatic Switching) IGO < IOUT High Speed Mode IGOR > IOUT Power Save Mode
2
Data Sheet ud200527
XC6207
Series
PACKAGING INFORMATION
USP-6C SOT-25 (SOT-23-5)
2.0
.
MAX 0.6
0.30
0.25 0.10
0.10
1.00
Note: Pin 1 is larger than
1.40 0.50 0.20
the other pins
SOT-89-5
4.5+0.1 0.42+0.06 0.42+0.06 0.4 MIN.0.8
+0.03 -0.02
MAX. 4.5
2.5+0.1
O 1.0
MIN.0.8
5O
5O
0.42+0.06 0.47+0.06 0.42+0.06
0.4 (1.7) (1.6)
+0.03 -0.02
(0.1)
8O
8O
1.5+0 .1
1.5+0.1
1.5+0.1
(0.3)
(1.8) (0.4)(0.4)
45
O
Data Sheet ud200527
3
XC6207 Series
MARKING RULE
5 4
Represents product series
MARK 7 PRODUCT SERIES XC6207xxxxxx
Represents type of regulator
MARK OUTPUT VOLTAGE OUTPUT VOLTAGE 100mV step 50mV step A N B P PRODUCT SERIES XC6207Axxxxx XC6207Bxxxxx
1
2
3
SOT-25 (TOP VIEW)
Represents output voltage
5 2 4
1
2
SOT-89-5 (TOP VIEW)
3
MARK 0 1 2 3 4 5 6 7 8 9 A B C D E
OUTPUT VOLTAGE(V) 3.1 3.15 3.2 3.25 3.3 3.35 3.4 3.45 3.5 3.55 3.6 3.65 3.7 3.75 0.8 3.8 0.85 3.85 0.9 3.9 0.95 3.95 1.0 4.0 1.05 4.05 1.1 4.1 1.15 4.15 1.2 4.2 1.25 4.25 1.3 4.3 1.35 4.35 1.4 4.4 1.45 4.45 1.5 4.5 1.55 4.55
MARK OUTPUT VOLTAGE(V) F 1.6 4.6 1.65 4.65 H 1.7 4.7 1.75 4.75 K 1.8 4.8 1.85 4.85 L 1.9 4.9 1.95 4.95 M 2.0 5.0 2.05 N 2.1 2.15 P 2.2 2.25 R 2.3 2.35 S 2.4 2.45 T 2.5 2.55 U 2.6 2.65 V 2.7 2.75 X 2.8 2.85 Y 2.9 2.95 Z 3.0 3.05 -

Represents production lot number 0 to 9, A to Z reverse character 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
4
Data Sheet ud200527
XC6207
Series
MARKING RULE (Continued)
Represents product series
MARK 0 7 PRODUCT SERIES XC6207xxxxxx
USP-6C (TOP VIEW)
Represents type of regulator
MARK A B TYPE High Active with No Pull-Down Resistor, No CL Discharge Resistor High Active with No Pull-Down Resistor, with CL Discharge Resistor PRODUCT SERIES XC6207AxxxDx XC6207BxxxDx
Represents integer of the output voltage ex)
MARK 3 5 VOLTAGE (V) 3.X 5.X PRODUCT SERIES XC6207x3xxDx XC6207x5xxDx
Represents decimal number of the output voltage
MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE(V) PRODUCT SERIES X.0 X.1 X.2 X.3 X.4 X.5 X.6 X.7 X.8 X.9 XC6207xx02/1Dx XC6207xx12/1Dx XC6207xx22/1Dx XC6207xx32/1Dx XC6207xx42/1Dx XC6207xx52/1Dx XC6207xx62/1Dx XC6207xx72/1Dx XC6207xx82/1Dx XC6207xx92/1Dx MARK A B C D E F H K L M VOLTAGE(V) X.05 X.15 X.25 X.35 X.45 X.55 X.65 X.75 X.85 X.95 PRODUCT SERIES XC6207xx0A/BDx XC6207xx1A/BDx XC6207xx2A/BDx XC6207xx3A/BDx XC6207xx4A/BDx XC6207xx5A/BDx XC6207xx6A/BDx XC6207xx7A/BDx XC6207xx8A/BDx XC6207xx9A/BDx
Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted) Note: No character inversion used.
Data Sheet ud200527
5
XC6207 Series
PRODUCT CLASSIFICATION
Ordering Information XC6207
DESIGNATOR DESCRIPTION Type of Regulator B Output Voltage 12 ~ 50 SYMBOL A DESCRIPTION : CE High Active, no resistor for fixing pin's electrical potential, no CL discharge resistor : CE High Active, no resistor for fixing pin's electrical potential, with CL discharge resistor : ex.) VOUT(T) = 3.0V = 3, = 0 : Output voltage 100mV step setting When 1.2VVOUT(T)1.5V, HS mode : Accuracy30mV PS mode : Accuracy30mV or 45mV When 1.5VVOUT(T)5.0V, HS mode : Accuracy2% PS mode : Accuracy2% or 3% : Output voltage 50mV step setting When 1.2VVOUT(T)1.5V, HS mode : Accuracy30mV PS mode : Accuracy30mV or 45mV When 1.5VVOUT(T)5.0V, HS mode : Accuracy2% PS mode : Accuracy2% or 3% : USP-6C : SOT-25 : SOT-89-5 : Embossed tape, standard feed : Embossed tape, reverse feed
2 Output Accuracy A E M P R L

Package Device Orientation
BLOCK DIAGRAMS
XC6207A Series XC6207B Series
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
ABSOLUTE MAXIMUM RATINGS
PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage GO Input Voltage SOT-89-5 Power Dissipation SOT-25 USP-6C Operational Temperature Range Storage Temperature Range
* IOUT=Pd / (VIN-VOUT)
Ta=25
SYMBOL VIN IOUT VOUT VCE VGO Pd Topr Tstg
RATINGS -0.3 ~ 7.0 500* VSS - 0.3 ~ VIN + 0.3 VSS - 0.3 ~ 7.0 VSS - 0.3 ~ 7.0 500 250 100 - 40 ~ + 85 - 55 ~ +125
UNITS V mA V V V mW
6
Data Sheet ud200527
XC6207
Series
ELECTRICAL CHARACTERISTICS
XC6207A/B series
PARAMETER SYMBOL CONDITIONS VGO= VIN, VCE=VIN Output Voltage VOUT(E) (* 3) IOUTMAX VOUT Vdif1 Dropout Voltage (* 4) Vdif2 Supply Current 1 Supply Current 2 Standby Current Line Regulation 1.2VVOUT(T)4.5V Line Regulation 4.5VVOUT(T)5.0V Input Voltage Output Voltage Temperature Characteristics Ripple Rejection Rate 1.2VVOUT(T)1.25V VIN VOUT TaVOUT ISS1 ISS2 ISTBY VOUT VINVOUT IOUT=10mA: High Speed (HS) mode VGO=VSS, VCE=VIN IOUT=0.1mA: Power Save (PS) mode Maximum Output Current Load Regulation VCE=VIN VGO=VIN (HS mode), VCE=VIN 1mA IOUT100mA VGO= VIN, (HS mode), VCE=VIN, IOUT=30mA VGO= VIN (HS mode), VCE=VIN, IOUT=100mA VGO=VIN (HS mode), VIN=VCE=6.0V, No load VGO=VSS (PS mode), VIN=VCE=6.0V, No load VIN=6.0V, VCE=VSS VGO=VIN (HS mode), VOUT(T)+1.0V-
0.01
0.20
%/V
1
Ripple Rejection Rate 1.25VVOUT(T)4.75V
Data Sheet ud200527
7
XC6207 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6207A/B series (Continued)
PARAMETER Switch Current Hysteresis Range SYMBOL IGOhys CONDITIONS IGOhys=IGO- IGOR VCE=VIN, VGO=VSS PS Switching Delay Time TDPS (HS/PS automatic switching) Time until HS mode is changed-over to PS mode by IGOR VGO=VIN, no load CE High Level Voltage VCEH Voltage which enters into the state of operation when the CE is applied voltage VGO=VIN, no load CE Low Level Voltage VCEL Voltage which enters into the state of standby when the CE is applied voltage VCE=VIN, no load GO High Level Voltage (* 7) VGOH Voltage which changes into high speed mode when the GO is applied voltage. VCE=VIN, no load GO Low Level Voltage (* 7) VGOL Voltage which changes into HS/PS automatic switching mode when the GO is applied voltage. CE High Level Current CE Low Level Current GO High Level Current GO Low Level Current CL Auto-Discharge Resistance (* 8) ICEH ICEL IGOH IGOL Rdischg VCE=VIN, VGO=VIN VCE=VSS, VGO=VIN VGO =VIN, VCE=VIN VGO=VSS, VCE=VIN, VIN=6.0V, VOUT=6.0V, VCE=VGO=VSS -0.1 -0.1 -0.1 -0.1 470 0.1 0.1 0.1 0.1 A A A A 5 5 5 5 7 0.25 V 4 1.6 V 4 0.25 V 4 1.6 V 4 900 sec 6 MIN. TYP. 1.0 MAX. UNITS mA Ta=25 CIRCUIT 6
NOTE: * 1: Unless otherwise stated, VIN=VOUT(T)1.0V. * 2: VOUT (T) = Specified output voltage * 3: VOUT (E) = Effective output voltage (I.e. the output voltage when an amply stabilized "VOUT (T)1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) High Speed (HS) mode: The voltage of VGOH or more is input to the GO pin, or the voltage of VGOL or less is input to the GO pin when the output current is IGO or more. Power Save (PS) mode: The voltage of VGOL or less is input to the GO pin when the output current is IGOR or less. * 4: Vdif={VIN1(*6)-VOUT1(*5)} * 5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input in the HS mode. * 6: VIN1=The input voltage when VOUT1 appears as Input Voltage is gradually decreased. * 7: With the GO pin input voltage, the fixed HS mode or Green Operation (GO) is selectable. * 8: For the XC6207B series only. The XC6207A series discharges by resistors R1 and R2 only as shown in the block diagrams. * 9: The rated value of the output voltage when VOUT(T)1.5V is shown below. HS mode : VOUT (T)-30mVVOUT (E)VOUT (T)+30mV PS mode : VOUT (T)-45mVVOUT (E)VOUT (T)+30mV *10: Recommended conditions for CIN and CL 1.2VVOUT (T)1.8V : CIN=1.0F, CL=4.7F (ceramic cap.) 1.8VVOUT (T)2.5V : CIN=1.0F, CL=1.0F (ceramic cap.) 2.5VVOUT (T)5.0V : CIN=2.2F, CL=1.0F (ceramic cap.)
8
Data Sheet ud200527
XC6207
Series
DROPOUT VOLTAGE CHART
SYMBOL SETTING OUTPUT VOLTAGE (V) VOUT (T) 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 MIN. 1.170 1.220 1.270 1.320 1.370 1.420 1.470 1.519 1.568 1.617 1.666 1.715 1.764 1.813 1.862 1.911 1.960 2.009 2.058 2.107 2.156 2.205 2.254 2.303 2.352 2.401 2.450 2.499 2.548 2.597 2.646 2.695 2.744 2.793 2.842 2.891 2.940 2.989 3.038 3.087 3.136 3.185 3.234 3.283 3.332 E-0 OUTPUT VOLTAGE (HS MODE) (V) VOUT(E) TYP. 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 MAX. 1.230 1.280 1.330 1.380 1.430 1.480 1.530 1.581 1.632 1.683 1.734 1.785 1.836 1.887 1.938 1.989 2.040 2.091 2.142 2.193 2.244 2.295 2.346 2.397 2.448 2.499 2.550 2.601 2.652 2.703 2.754 2.805 2.856 2.907 2.958 3.009 3.060 3.111 3.162 3.213 3.264 3.315 3.366 3.417 3.468 MIN. 1.1550 1.2050 1.2550 1.3050 1.3550 1.4050 1.4550 1.5035 1.5520 1.6005 1.6490 1.6975 1.7460 1.7945 1.8430 1.8915 1.9400 1.9885 2.0370 2.0855 2.1340 2.1825 2.2310 2.2795 2.3280 2.3765 2.4250 2.4735 2.5220 2.5705 2.6190 2.6675 2.7160 2.7645 2.8130 2.8615 2.9100 2.9585 3.0070 3.0555 3.1040 3.1525 3.2010 3.2495 3.2980 E-1 OUTPUT VOLTAGE (PS MODE) (V) VOUT(E) TYP. 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 MAX. 1.230 1.280 1.330 1.380 1.430 1.480 1.530 1.581 1.632 1.683 1.734 1.785 1.836 1.887 1.938 1.989 2.040 2.091 2.142 2.193 2.244 2.295 2.346 2.397 2.448 2.499 2.550 2.601 2.652 2.703 2.754 2.805 2.856 2.907 2.958 3.009 3.060 3.111 3.162 3.213 3.264 3.315 3.366 3.417 3.468 40 65 120 190 50 70 150 220 60 80 180 240 90 245 TYP. 800 700 600 500 400 300 200 100 E-2 DROPOUT VOLTAGE 1 IOUT=30mA (mV) Vdif1 MAX. 850 750 650 550 450 350 250 150 TYP. 810 710 610 510 410 310 210 200 E-3 DROPOUT VOLTAGE 2 IOUT=100mA (mV) Vdif2 MAX. 860 760 660 560 460 360 260 250
Data Sheet ud200527
9
XC6207 Series
DROPOUT VOLTAGE CHART (Continued)
SYMBOL SETTING OUTPUT VOLTAGE (V) VOUT (T) 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 MIN. 3.381 3.430 3.479 3.528 3.577 3.626 3.675 3.724 3.773 3.822 3.871 3.920 3.969 4.018 4.067 4.116 4.165 4.214 4.263 4.312 4.361 4.410 4.459 4.508 4.557 4.606 4.655 4.704 4.753 4.802 4.851 4.900 E-0 OUTPUT VOLTAGE (HS MODE) (V) VOUT(E) TYP. 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 MAX. 3.519 3.570 3.621 3.672 3.723 3.774 3.825 3.876 3.927 3.978 4.029 4.080 4.131 4.182 4.233 4.284 4.335 4.386 4.437 4.488 4.539 4.590 4.641 4.692 4.743 4.794 4.845 4.896 4.947 4.998 5.049 5.100 MIN. 3.3465 3.3950 3.4435 3.4920 3.5405 3.5890 3.6375 3.6860 3.7345 3.7830 3.8315 3.8800 3.9285 3.9770 4.0255 4.0740 4.1225 4.1710 4.2195 4.2680 4.3165 4.3650 4.4135 4.4620 4.5105 4.5590 4.6075 4.6560 4.7045 4.7530 4.8015 4.8500 E-1 OUTPUT VOLTAGE (PS MODE) (V) VOUT(E) TYP. 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 MAX. 3.519 3.570 3.621 3.672 3.723 3.774 3.825 3.876 3.927 3.978 4.029 4.080 4.131 4.182 4.233 4.284 4.335 4.386 4.437 4.488 4.539 4.590 4.641 4.692 4.743 4.794 4.845 4.896 4.947 4.998 5.049 5.100 40 65 120 190 TYP. E-2 DROPOUT VOLTAGE 1 IOUT=30mA (mV) Vdif1 MAX. TYP. E-3 DROPOUT VOLTAGE 2 IOUT=100mA (mV) Vdif2 MAX.
10
Data Sheet ud200527
XC6207
Series
OPERATIONAL EXPLANATION
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. The GO function monitors the output current and switches a supply current to two values according to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
CE
ON/OFF Control
-
VIN Error Amp Green Operation Current Limit VOUT R1
GO
{
CE
/CE
+
each circuit
R2 Voltage Reference VSS
XC6207 series can be set as a fixed high-speed mode or a green operation (GO) mode via a signal to the green operation (GO) pin. Under the condition that the output current becomes IGOR or less, the IC operates in the fixed high-speed mode when the GO pin is at high level and the IC operates in the power save (PS) mode when the GO pin is at low level. The GO mode enables the IC to switch automatically the supply current to the high speed (HS) mode or the power save (PS) mode according to the level of output current. While having both high-speed operation and low supply current state, the XC6207 series can acquire high efficiency. At the HS/PS automatic switching mode (GO mode), the switching point of the HS mode and the PS mode is being fixed inside the IC. When the output current becomes IGOR 0.3mA (TYP.) or below, the mode changes automatically to the PS mode after the delay time of hundreds sec(s), and it can reduce supply current in light load. For applications, most of portable equipment control the system current, which is the output current to the IC, and control the supply current according to the system condition. Furthermore, the high-speed operation might be required. In such a case, at the automatic switching mode (GO mode), when the output current becomes IGO or more, the mode will automatically switch to the HS mode. In the HS mode, the response of the output voltage during the output current fluctuation is better than the PS mode. Automatic switching PS mode to HS mode causes the switching delay time of tens of sec(s), the output voltage drops more than in the fixed HS mode. If the GO pin voltage is at high level {tens of sec(s) before the output current fluctuation occurs} and the IC is used in the HS mode, the output current fluctuation will be suppressed to as low as the fixed HS mode. (cf. the following item: Load Transient Response by Switching Mode with GO pin.) The output current at the HS/PS mode should be adjusted to 2.0mA or more / 0.3mA or less respectively when you use the IC in the HS/PS automatic switching mode (GO mode). It is suggested that you use this IC with either a VIN voltage or a VSS voltage input at the GO pin. If this IC is used with the correct specifications for the GO pin, the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry when medium voltage is input.
Data Sheet ud200527
11
XC6207 Series
OPERATIONAL EXPLANATION (Continued)
(Continued) Load Transient Response by Switching Mode
GO mode (GO pin voltage: Low) Output Current: IOUT=0.1mA100mA
XC6207x302 GO m ode 3.8 3.6 VGO=0V 100mA 0.1mA Output Current IOUT 0.1mA VIN=4.0V, Ta=25OC CIN=2.2uF, CL=1.0uF GO Pin Voltage VGO 700 600
Fixed high speed mode via GO pin signal (GO pin voltage: Low to High) Output Current: IOUT=0.1mA100mA
XC6207x302 Fixed High Speed m ode VIN=4.0V, Ta=25OC CIN=2.2uF, CL=1.0uF
VGO=VIN VGO=0V
3.8 3.6 Output Voltage VOUT (V) Supply Current ISS (uA) 3.4 3.2 3.0 2.8 2.6 2.4
700 600 500 400 300 Supply Current ISS (uA) Supply Current ISS (uA)
Data Sheet ud200527
GO Pin Voltage VGO* T 100mA Output Current IOUT 0.1mA
Output Voltage VOUT (V)
3.4 3.2 3.0 2.8 2.6 2.4
500 400 300 200 100 0 Time (1msec/div)
0.1mA
Output Voltage VOUT PS mode HS mode Supply Current ISS PS mode
PS mode
Output Voltage VOUT HS mode Supply Current ISS
200 100 0
Time (1msec/div)
*Note: Input a "H" level signal to the GO pin before the output current fluctuation (T) occurs.
GO mode (GO pin voltage: Low) Output Current: IOUT=0.1mA5mA
XC6207x302 GO m ode 3.8 3.6 VGO=0V 5mA 0.1mA Output Current IOUT 0.1mA
Fixed high speed mode via GO pin signal (GO pin voltage: Low to High) Output Current: IOUT=0.1mA5mA
XC6207x302 Fixed High Speed m ode
VIN=4.0V, Ta=25OC CIN=2.2uF, CL=1.0uF
700
3.8 3.6 Supply Current ISS (uA) Output Voltage VOUT (V) 3.4 3.2 3.0 2.8 2.6 2.4
VIN=4.0V, Ta=25OC CIN=2.2uF, CL=1.0uF
VGO=VIN VGO=0V
700 600 500
GO Pin Voltage VGO
600 500 400 300 200
GO Pin Voltage VGO
Output Voltage VOUT (V)
3.4 3.2 3.0 2.8 2.6 2.4
5mA 0.1mA Output Current IOUT 0.1mA
400 300 200
Output Voltage VOUT
Output Voltage VOUT
Supply Current ISS
100 0
Supply Current ISS
100 0
Time (1msec/div)
Time (1msec/div)
With the XC6207 series, a stable output voltage is achievable even if used with low ESR capacitors, as a phase compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor with a capacitance value of at least 1F when the setting output voltage (VOUT(T)) is less than or equal to 1.8V. Also, when the setting output voltage (VOUT(T)) is less than or equal to 2.5V, please connect an input capacitor (CIN) of 2.2F between the VIN pin and the VSS pin in order to ensure a stable power input. SETTING VOLTAGE 1.2V ~ 1.7V 1.8V ~ 2.4V 2.5V ~ 5.0V CIN (F) 1.0 1.0 2.2 CL (F) 4.7 1.0 1.0
12
XC6207
Series
OPERATIONAL EXPLANATION (Continued)
XC6207B series can quickly discharge the electric charge at the output capacitor (CL), when a low signal to the CE pin, which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor located between the VOUT pin and the VSS pin (cf. BLOCK DIAGRAM). In this state, the application is protected from a glitch operation caused by the electric charge at the output capacitor (CL). The CL auto- discharge resistance at this time depends on the input voltage. Moreover, discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL auto-discharge resistance value [R] and an output capacitor value (CL) as (=C x R), the output voltage after discharge via the N channel transistor is calculated by the following formulas. V = VOUT x e -t/, or t=In ( V / VOUT ) ( V : Output voltage after discharge, VOUT(E) : Output voltage, t: Discharge time, : CL auto-discharge resistance RxOutput capacitor (CL) value C)
Ta=25OC
INPUT VOLTAGE 2.0V 3.0V 4.0V 5.0V 6.0V
CL AUTO-DISCHARGE RESISTANCE 750 550 500 480 470 (TYP.) (TYP.) (TYP.) (TYP.) (TYP.)
(ex.) When input voltage: 4.0V, CL auto-discharge resistance: 500 (TYP.); output capacitor (CL): 10F, VOUT:3.0V, CE voltage=Changing from 4.0V to 0V (CE pin L level signal) 1(500sec) after CE OFF signal is inputted, VOUT(E) becomes: 3.0Vx0.368 = approx. 1.104V 2(1000sec) after CE OFF signal is inputted, VOUT(E) becomes: 3.0Vx0.135 = approx. 0.405V 3(1500sec) after CE OFF signal is inputted, VOUT(E) becomes: 3.0Vx0.050 = approx. 0.150V 4(2000sec) after CE OFF signal is inputted, VOUT(E) becomes: 3.0Vx0.018 = approx. 0.055V
Data Sheet ud200527
13
XC6207 Series
OPERATIONAL EXPLANATION (Continued)
The XC6207 series includes a combination of a fixed current limiter circuit & a foldback circuit, which aid the operations of the current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows. The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6207 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. However, as for the XC6207B series, the CL auto-discharge resistor is connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin reaches the VSS level becomes short. Although the CE pin is equal to an inverter input with CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC is in operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry when medium voltage is input.
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
14
Data Sheet ud200527
XC6207
Series
TEST CIRCUITS
Circuit 1
Output Voltage, Input Operating Voltage, Dropout Voltage, Line Regulation, Load Regulation, Limit Current, Short Current
VIN
IOUT VOUT CL A
CIN
CE
GO
VSS
V
Circuit 2
Supply Current, Standby Current
A
VIN
CIN
CE
VOUT
GO
VSS
Circuit 3
Ripple Rejection Rate
VIN={VOUT+1}VDC +0.5Vp-pAC
VIN
CE V
VOUT CL IOUT=30m A V
GO
VSS
Circuit 4
CE/GO, High & Low Level Voltage
Circuit 5
CE/GO, High & Low Level Current
VIN
VIN
VOUT
CIN
CE
ICEL CIN A
ICEH CE VOUT CL A GO IGOH VSS
GO
CL VSS A
IGOL
Circuit 6
HS/PS Switching Current, PS Switching Delay Time
Circuit 7
CL Auto-Discharge Resistance Current
VIN
VIN VOUT CL A CIN
CIN
CE
CE
VOUT
A
GO
VSS A
V
GO
VSS
Note : For the capacity of the CIN and the CL, the recommended capacity depending on the set voltage should be used.
Data Sheet ud200527
15
XC6207 Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Input Voltage
XC6207A/B182xx
2.0 1.8 Output Voltage:VOUT(V)
Output Voltage:VOUT(V)
XC6207A/B182
2.0 1.8 1.6 1.4 1.2 1.0 0.8 IOUT=0mA 1mA 30mA 100mA CIN=CL=1.0uF(ceramic) Ta=25 C
CIN=CL=1.0uF(ceramic) Ta=25 C
1.6 1.4 1.2 1.0 0.8 0.5 1.0 1.5 Input Voltage:VIN(V) 2.0 2.5 IOUT=0mA 1mA 30mA 100mA
2.0
3.0
4.0 Input Voltage:VIN(V)
5.0
6.0
XC6207A/B302xx
3.2 3.0 CIN=2.2uF CL=1.0uF(ceramic) Ta=25 C 3.2 3.0
XC6207A/B302xx
CIN=2.2uF CL=1.0uF(ceramic) Ta=25 C
Output Voltage:VOUT(V)
Output Voltage:VOUT(V)
2.8 2.6 2.4 2.2 2.0 2.0 2.5 3.0 Input Voltage:VIN(V) 3.5 4.0 IOUT=0mA 1mA 30mA 100mA
2.8 2.6 2.4 2.2 2.0 3.5 4.0 4.5 5.0 5.5 6.0 Input Voltage:VIN(V) IOUT=0mA 1mA 30mA 100mA
XC6207A/B502xx
5.2 5.0 CIN=2.2uF CL=1.0uF(ceramic) Ta=25 C
XC6207A/B502xx
5.2 5.0 CIN=2.2uF CL=1.0uF(ceramic) Ta=25 C
Output Voltage:VOUT(V)
Output Voltage:VOUT(V)
4.8 4.6 4.4 4.2 4.0 4.0 4.5 5.0 5.5 Input Voltage:VIN(V) IOUT=0mA 1mA 30mA 100mA
4.8 4.6 4.4 4.2 4.0 5.4 5.6 5.8 6.0 Input Voltage:VIN(V) IOUT=0mA 1mA 30mA 100mA
16
Data Sheet ud200527
XC6207
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Dropout Voltage vs. Output Current
XC6207A/B122xx
CIN=1.0uF,CL=4.7uF (ceramic) 1.2 1.0 Ta=85 C 25 C -40 C
Below the minimum operating voltage
XC6207A/B182xx
1.0 Ta=85 C 25 C -40 C CIN=CL=1uF(ceramic)
0.8
Dropout Voltage:Vdif (V)
0.8 0.6 0.4 0.2 0.0 0
Dropout Voltage:Vdif (V)
0.6
0.4
0.2
Below the minimum operating voltage*
0.0
50
100
150
200
250
300
0
50
100
150
200
250
300
Output Current:IOUT(mA)
Output Current:IOUT(mA)
*The characteristic when Vdif is lower than 0.2V is the reference characteristic below the minimum operating voltage.
XC6207A/B302xx
1.2 1.0 Dropout Voltage:Vdif (V) 0.8 0.6 0.4 0.2 0.0 0 50 100 150 200 250 300 Output Current:IOUT(mA) Ta=85 C 25 C -40 C CIN=2.2uF,CL=1.0uF(ceramic)
XC6207A/B502xx
1.2 1.0 Ta=85 C 25 C -40 C CIN=2.2uF,CL=1.0uF(ceramic)
Dropout Voltage:Vdif (V)
0.8 0.6 0.4 0.2 0.0 0
50
100
150
200
250
300
Output Current:IOUT(mA)
(3) Supply Current vs. Input Voltage
XC6207A/B182xx
VGO=VSS,CIN=1.0uF(ceramic) 7 6 Ta=85 C 25 C -40 C
XC6207A/B182xx
VGO=VIN,CIN=1.0uF(ceramic) 70 60
Supply Current:ISS (uA)
Supply Current:ISS (uA)
5 4 3 2 1 0 0
50 40 30 20 10 0 Ta=85 C 25 C -40 C
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage:VIN (V)
Input Voltage:VIN (V)
Data Sheet ud200527
17
XC6207 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Supply Current vs. Input Voltage (Continued)
XC6207A/B302xx
7 6 VGO=VSS,CIN=2.2uF(ceramic)
70 60
Supply Current:ISS (uA)
XC6207A/B302xx
VGO=VIN,CIN=2.2uF(ceramic)
Supply Current:ISS (uA)
5 4 3 2 1 0 0 1 2 3 4 5 6 Input Voltage:VIN (V) Ta=85 C 25 C -40 C
50 40 30 20 10 0 0 1 2 3 4 5 6 Input Voltage:VIN (V) Ta=85 C 25 C -40 C
XC6207A/B502xx
7 6
Supply Current:ISS (uA)
XC6207A/B502xx
70 60 Ta=85 C 25 C -40 C VGO=VIN,CIN=2.2uF(ceramic)
VGO=VSS,CIN=2.2uF(ceramic)
5 4 3 2 1 0 0 1 2 3 4 5 6 Input Voltage:VIN (V) Ta=85 C 25 C -40 C
Supply Current:ISS (uA)
50 40 30 20 10 0 0
1
2
3
4
5
6
Input Voltage:VIN (V)
(4) Current Limiter Circuit
XC6207A/B122xx
1.4 1.2 VIN=2.2V,CIN=1.0uF,CL=4.7u(ceramic)
XC6207A/B182xx
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 VIN=2.8V,CIN=CL=1.0u(ceramic)
Output Votlage:VOUT(V)
1.0 0.8 0.6 0.4 0.2 0.0 0
Ta= 85 C 25 C -40 C
100
200
300
400
500
Output Voltage:VOUT(V)
Ta= 85 C 25 C -40 C
0
100
200
300
400
500
Output Current:IOUT(mA)
Output Current:IOUT(mA)
18
Data Sheet ud200527
XC6207
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Current Limiter Circuit (Continued)
XC6207A/B302xx
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 100 200 300 400 500 Output Current:IOUT(mA) Ta= 85 C 25 C -40 C
Output Voltage:VOUT(V) Output Voltage:VOUT(V)
XC6207A/B502xx
6.0 5.0 4.0 3.0 2.0 1.0 0.0 0 100 200 300 400 500 Output Current:IOUT(mA) Ta= 85 C 25 C -40 C VIN=6.0V,CIN=2.2uF,CL=1.0u(ceramic)
VIN=4.0V,CIN=2.2uF,CL=1.0u(ceramic)
(5) High speed / Power Save Switching Current
XC6207A/B122
2.0
HS/PS Switching Current:IGO/IGOR (mA)
XC6207A/B122
2.0
HS/PS Switching Current:IGO/IGOR (mA)
VIN=VOUT(T)+1.0V CIN=1.0uF,CL=4.7uF(ceramic)
Ta=25 CIN=1.0uF,CL=4.7uF(ceramic)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -40 -15 10 35 60 85 Ambient Temperature:Ta ()
HS Switching Current PS Switching Current
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 2 3 4 Input Voltage:VIN 5 6
HS Switching Current PS Switching Current
(6) Power Save Switching Delay Time
XC6207A/B122
400 PS Switching Delay Time:TDPS (usec) 350 300 250 200 150 100 50 0 -40 VIN2.0V 3.0V 4.0V 5.0V 6.0V CIN=1.0uF,CL=4.7uF(ceramic)
(7) CL Discharge Resistance
XC6207B122xx
VCE=VSS,VGO=VIN=VOUT 1200
CL Auto-Discharge Resistance: Rdischg ()
1100 1000 900 800 700 600 500 400 300 2 3 4 Input Voltage:VIN (V) 5 6 Ta=85 C 25 C -40 C
-15
10
35
60
85
Ambient Temperature:Ta ( )
Data Sheet ud200527
19
XC6207 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Load Transient Response
Ta=25 C
XC6207A/B122xx
Ta=25 C
XC6207A/B122xx
1.3 1.2 1.1 1.0 0.9 0.8
VIN=2.2V,VGO=VSS,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m100mA Output Voltage
300 250 200 150
1.3 1.2
VIN=2.2V,VGO=VIN,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m100mA Output Voltage
300 250 200 150
Output Current:IOUT(mA)
Output Voltage:VOUT (V)
1.1 1.0 Output Current 0.9 0.8 0.2m A 0.7 Time 200usec/div 100m A
Output Current
100m A 100 50 0.2m A 0
100 50 0
0.7 Time 200usec/div
Ta=25 C
XC6207A/B122
Ta=25 C
XC6207A/B122
1.3 1.2 1.1 1.0 0.9 0.8 0.7
VIN=2.2V,VGO=VSS,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m 5 0mA Output Voltage
300 250 200 150 100
1.3 1.2 1.1 1.0 0.9 0.8 0.7
VIN=2.2V,VGO=VIN,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m 5 0mA Output Voltage
300 250 200 150 100
Output Voltage:VOUT (V
Output Voltage:VOUT (V
Output Current:IOUT(mA)
Output Current
50m A 50 0.2m A 0
Output Current
50m A 50 0.2m A 0
Time 200usec/div
Time 200usec/div
Ta=25 C
XC6207A/B122xx
Ta=25 C
XC6207A/B122xx
1.3 1.2 1.1 1.0 0.9 0.8 0.7
VIN=2.2V,VGO=VSS,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m10mA Output Voltage
120 100 80 60 40
1.3 1.2 1.1 1.0 0.9 0.8 0.7
VIN=2.2V,VGO=VIN,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m10mA Output Voltage
120 100 80 60 40
Output Voltage:VOUT V
Output Voltage:VOUT V
Output Current 10m A 0.2m A
Output Current:IOUT(mA)
20 0
Output Current 10m A 0.2m A
20 0
Time 200usec/div
Time 200usec/div
20
Output Current:IOUT(mA)
Data Sheet ud200527
Output Current:IOUT(mA)
Output Current:IOUT(mA)
Output Voltage:VOUT (V)
XC6207
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Load Transient Response (Continued)
Ta=25 C
XC6207A/B182
Ta=25 C
XC6207A/B182
2.0 1.8 1.6 1.4 1.2 1.0
VIN=2.8V,VGO=VSS,CIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m100mA Output Voltage
300 250 200 150
2.0 1.8 1.6 1.4
VIN=2.8V,VGO=VIN,CIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m100mA Output Voltage
300 250 200 150
Output Voltage:VOUT V)
Output Current:IOUT(mA)
Output Voltage:VOUT V)
Output Currnet 100m A
Output Current 100m A 1.2 1.0 0.2m A 0.8 Time 200usec/div 0 100 50
100 50
0.2m A 0.8 Time 200usec/div 0
Ta=25 C
XC6207A/B182
Ta=25 C
XC6207A/B182
2.0 1.8 1.6 1.4 1.2
VIN=2.8V,VGO=VSS,CIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m5 0mA Output Voltage
300 250 200 150 100
2.0 1.8 1.6 1.4 1.2
VIN=2.8V,VGO=VIN,CIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m5 0mA Output Voltage
300 250 200 150 100
Output Voltage:VOUT V
Output Voltage:VOUT V
Output Current 1.0
Output Current:IOUT(mA)
50m A 50 0.2m A 0
Output Current 1.0
50m A 50 0.2m A 0
0.8 Time 200usec/div
0.8 Time 200usec/div
Ta=25 C
XC6207A/B182
Ta=25 C
XC6207A/B182
1.9 1.8 1.7 1.6 1.5 1.4 1.3
VIN=2.8V,VGO=VSS,CIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m1 0mA Output Voltage
120 100 80 60 40
1.9 1.8 1.7 1.6 1.5 1.4 1.3
VIN=2.8V,VGO=VSS,CIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m1 0mA Output Voltage
120 100 80 60 40
Output Voltage:VOUT V
Output Voltage:VOUT V
Output Current:IOUT(mA)
Output Current 10m A 0.2m A
20 0
Output Current
10m A 0.2m A
20 0
Time 200usec/div
Time 200usec/div
Output Current:IOUT(mA)
Output Current:IOUT(mA)
Output Current:IOUT(mA)
Data Sheet ud200527
21
XC6207 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Load Transient Response (Continued)
XC6207A/B302xx
XC6207A/B302xx
Ta=25 C
Ta=25 C 3.4 3.0
3.4 3.0
Output Voltage:VOUT V)
VIN=4.0V,VGO=VSS,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m100mA Output Voltage
300 250 200 150
VIN=4.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m100mA Output Voltage
300 250 200 150
Output Current:IOUT(mA)
Output Voltage:VOUT V)
2.6 2.2 Output Current 1.8 1.4 0.2m A 1.0 Time 200usec/div 100m A
2.6 2.2 Output Current 1.8 1.4 0.2m A 1.0 Time 200usec/div 100m A
100 50 0
100 50 0
Ta=25 C
XC6207A/B302xx
Ta=25 C
XC6207A/B302xx
3.4 3.0 2.6 2.2 1.8
VIN=4.0V,VGO=VSS,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m50mA Output Voltage
300 250 200 150 100
3.4 3.0 2.6 2.2 1.8
VIN=4.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m50mA Output Voltage
300 250 200 150 100
Output Voltage:VOUT V
Output Voltage:VOUT V
Output Current 1.4
Output Current:IOUT(mA)
50m A 50 0.2m A 0
Output Current 50m A 1.4 0.2m A 1.0 Time 200usec/div 0 50
1.0 Time 200usec/div
Ta=25 C 3.1 3.0 2.9 2.8 2.7 2.6 2.5
XC6207A/B302xx
Ta=25 C
XC6207A/B302xx
VIN=4.0V,VGO=VSS,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m1 0mA Output Voltage
120 100 80 60 40
3.1 3.0 2.9 2.8 2.7 2.6 2.5
VIN=4.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m1 0mA Output Voltage
120 100 80 60 40
Output Voltage:VOUT(V
Output Voltage:VOUT(V
Output Current:IOUT(mA)
10m A Output Current 0.2m A
20 0
Output Current
10m A 0.2m A
20 0
Time 200usec/div
Time 200usec/div
22
Data Sheet ud200527
Output Current:IOUT(mA)
Output Current:IOUT(mA)
Output Current:IOUT(mA)
XC6207
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Load Transient Response (Continued)
Ta=25 C
XC6207A/B502xx
Ta=25 C
XC6207A/B502xx
5.4 5.0 4.6 4.2
VIN=6.0V,VGO=VSS,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m100mA Output Voltage
300 250 200 150
5.4 5.0 4.6 4.2
VIN=6.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m100mA Output Voltage
300 250 200 150
Output Voltage:VOUT V)
Output Current 3.8 3.4
Output Current:IOUT(mA)
Output Voltage:VOUT V)
100m A 100 50 0.2m A 0
Output Current 100m A 3.8 3.4 0.2m A 3.0 Time 200usec/div 0 100 50
3.0 Time 200usec/div
Ta=25 C
XC6207A/B502
Ta=25 C 5.4 5.0 4.6 4.2 3.8 3.4 3.0
XC6207A/B502
5.4 5.0 4.6 4.2 3.8
VIN=6.0V,VGO=VSS,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m5 0mA Output Voltage
300
VIN=6.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m5 0mA Output Voltage
300 250 200 150 100
Output Voltage:VOUT V
Output Voltage:VOUT V
200 150 100 Output Current 50m A 50 0.2m A 0 Time 200usec/div
Output Current:OUT(mA)
Output Current
50m A 50 0.2m A 0
3.4 3.0
Time 200usec/div
Ta=25 C
XC6207A/B502xx
Ta=25 C
XC6207A/B502xx
5.1 5.0 4.9 4.8 4.7 4.6 4.5
VIN=6.0V,VGO=VSS,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m1 0mA
120 100 80 60 40
5.1 5.0 4.9 4.8 4.7 4.6 4.5
VIN=6.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=0.2m1 0mA
120 100 80 60 40
Output Voltage:VOUT V
Output Voltage:VOUT V
Output Current
10m A 0.2m A
Output Current:IOUT(mA)
20 0
10m A Output Current 0.2m A 0 Time 200usec/div 20
Time 200usec/div
Output Current:IOUT(mA)
Output Voltage
Output Voltage
Output Current:IOUT(mA)
250
Output Current:IOUT(mA)
Data Sheet ud200527
23
XC6207 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Load Transient Response (Continued)
Ta=25 C
XC6207A/B122xx
Ta=25 C
XC6207A/B182xx
1.3 1.2 1.1 1.0 0.9 0.8 0.7
VIN=2.2V,VGO=VIN,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=10m100mA Output Voltage
300 250 200 150
1.9 1.8 1.7 1.6
VIN=2.8V,VGO=VIN,CIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=10m100mA Output Voltage
300 250 200 150 100 50 0
Output Voltage:VOUT V)
Output Current:IOUT(mA)
Output Voltage:VOUT V)
Output Current
100m A 100 50 0
Output Current 1.5 1.4 1.3
100m A
10m A
10m A
Time 20usec/div
Time 20usec/div
Ta=25 C
XC6207A/B122xx
Ta=25 C
XC6207A/B182xx
1.3 1.2
VIN=2.2V,VGO=VIN,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=50m100mA Output Voltage
300 250 200 150
1.9 1.8 1.7 1.6
VIN=2.8V,VGO=VIN,CIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=50m100mA Output Voltage
300 250 200 150
1.1 1.0 0.9 0.8 0.7 Time 20usec/div Output Current 100m A
Output Voltage:VOUT V)
Output Current 1.5
100m A 100 50m A 50 0
100 50m A 50 0
1.4 1.3 Time 20usec/div
Ta=25 C
XC6207A/B122xx
Ta=25 C
XC6207A/B182xx
1.3 1.2 1.1 1.0 0.9 0.8 0.7
VIN=2.2V,VGO=VIN,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=10m50mA Output Voltage
300 250 200 150 100 50 0
1.9 1.8 1.7 1.6 1.5 1.4 1.3
VIN=2.8V,VGO=VINCIN=1.0uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=10m50mA Output Voltage
300 250 200 150
Output Votlage:VOUT V)
Output Current:IOUT(mA)
Output Voltage:VOUT V)
Output Current 50m A 10m A
Output Current
50m A 10m A
100 50 0
Time 20usec/div
Time 20usec/div
24
Data Sheet ud200527
Output Current:IOUT(mA)
Output Current:IOUT(mA)
Output Current:IOUT(mA)
Output Voltage: VOUT(V)
Output Current:IOUT(mA)
XC6207
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Load Transient Response (Continued)
Ta=25 C VIN=4.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=10m100mA Output Voltage
XC6207A/B302xx
3.1 3.0 2.9 2.8
300 250
Output Current:IOUT(mA)
5.2 5.1 5.0 4.9
Ta=25 C VIN=6.0V,VGO=VINCIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=10m100mA Output Voltage
XC6207A/B502xx
300 250 200 150 100 50 0
Output Voltage:VOUT V)
200 150 Output Current 100m A 100 50 0 Time 20usec/div
Output Voltage:VOUT V)
Output Current 4.8 4.7 4.6
100m A
2.7 2.6 2.5
10m A
10m A
Time 20usec/div
3.1 3.0 2.9 2.8
Ta=25 C VIN=4.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=50m100mA Output Voltage
XC6207A/B302xx
Ta=25 C
XC6207A/B502xx
300 250 200 150
5.2 5.1
Output Voltage:VOUT (V)
VIN=6.0V,VGO=VIN,CIN=1.0uF,CL=4.7uF(ceramic) Tr=Tf=5.0usec,IOUT=50m100mA
300 250 200 150 100
Output Voltage:VOUT V)
Output Current:IOUT(mA)
5.0 4.9 Output Current 4.8 50m A 4.7 4.6 Time 20usec/div
Output Current 2.7
100m A 100 50m A 50 0
100m A
2.6 2.5 Time 20usec/div
50 0
Ta=25 C
XC6207A/B302xx
Ta=25 C
XC6207A/B502xx
3.1 3.0 2.9 2.8 2.7
VIN=4.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=10m50mA Output Votlage
300 250 200 150 100 50 0
5.2 5.1 5.0 4.9 4.8
VIN=6.0V,VGO=VIN,CIN=2.2uF,CL=1.0uF(ceramic) Tr=Tf=5.0usec,IOUT=10m50mA
300 250 200 150 100 50 0
Output Current:IOUT(mA)
Output Voltage:VOUT V)
Output Voltage:VOUT V)
Output Current 2.6 2.5
50m A 10m A
Output Current 4.7 4.6
50m A 10m A
Time 20usec/div
Time 20usec/div
Output Current:IOUT(mA)
Output Voltage
Output Current:IOUT(mA)
Output Voltage
Output Current:IOUT(mA)
Data Sheet ud200527
25
XC6207 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Input Transient Response
XC6207A/B122xx
4 3 Ta=25 CIN=1.0uF,CL=4.7uF(ceramic),Tr=Tf=5.0usec Input Voltage 1.40 1.35 1.30 IOUT=1.0mA 1 0 -1 Time 20usec/div Output Voltage 1.25 1.20 1.15
XC6207A/B182xx
5 Ta=25 CIN=1.0uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage
Output Voltage:VOUT (V)
2.00
2
3 IOUT=1.0mA 2 Output Voltage 1
1.90
1.85 1.80
0 Time 20usec/div
1.75
XC6207A/B122xx
4 Ta=25 CIN=1.0uF,CL=4.7uF(ceramic),Tr=Tf=5.0usec Input Voltage 1.40
XC6207A/B182xx
5 Ta=25 CIN=1.0uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage
Output Voltage:VOUT (V)
Output Voltage:VOUT (V)
1.35 1.30
2.00
3
4
Input Voltage:VIN (V)
1.95 1.90 IOUT=30mA
Input Voltage:VIN (V)
2 IOUT=30mA 1 0 Output Voltage
3
1.25 1.20
2 Output Voltage 1
1.85 1.80
-1 Time 20usec/div
1.15
0 Time 20usec/div
1.75
4
Ta=25 CIN=1.0uF,CL=4.7uF(ceramic),Tr=Tf=5.0usec Input Voltage
XC6207A/B122xx
1.40
5 4
Ta=25 CIN=1.0uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage
XC6207A/B182xx
2.00 1.95
Output Voltage:VOUT (V)
2 IOUT=100mA 1 0 Output Voltage
1.30
3 IOUT=100mA 2 Output Voltage
1.90 1.85
1.25 1.20
1 0 Time 20usec/div
1.80 1.75
-1 Time 20usec/div
1.15
26
Output Voltage:VOUT (V)
Data Sheet ud200527
3
1.35
Input Voltage:VIN (V)
Input Voltage:VIN (V)
Output Voltage:VOUT (V)
4
Input Voltage:VIN (V)
1.95
Input Voltage:VIN (V)
XC6207
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Input Transient Response (Continued)
XC6207A/B302xx
XC6207A/B502xx
6
Ta=25 CIN=2.2uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage
3.20
6.5
Ta=25 CIN=2.2uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage
5.20
Output Voltage:VOUT (V)
4 IOUT=1.0mA 3 Output Votlage 2
3.10 3.05
5.5 Output Voltage IOUT=1.0mA
5.10
5.0 4.5
5.05 5.00
3.00
1 Time 20usec/div
2.95
4.0 Time 20usec/div
4.95
6
Ta=25 CIN=2.2uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage
XC6207A/B302xx
XC6207A/B502xx
3.20
6.5 Ta=25 CIN=2.2uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage 5.20
Output Voltage:VOUT (V)
4 IOUT=30mA 3 Output Voltage 2
3.10
5.5 Output Voltage IOUT=30mA
5.10
3.05 3.00
5.0 4.5
5.05 5.00
1 Time 20usec/div
2.95
4.0 Time 20usec/div
4.95
XC6207A/B302xx
6 5 Ta=25 CIN=2.2uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage 3.20 3.15 6.5 6.0
Ta=25 CIN=2.2uF,CL=1.0uF(ceramic),Tr=Tf=5.0usec Input Voltage
XC6207A/B502xx
5.20 5.15
Output Voltage:VOUT (V)
4 IOUT=100mA 3 Output Voltage 2 1 Time 20usec/div
3.10 3.05
5.5 5.0 Output Voltage IOUT=100mA
5.10 5.05
3.00 2.95
4.5 4.0 Time 20usec/div
5.00 4.95
Output Voltage:VOUT (V)
Input Voltage:VIN (V)
Input Voltage:VIN (V)
Output Voltage:VOUT (V)
5
3.15
6.0
5.15
Input Voltage:VIN (V)
Input Voltage:VIN (V)
Output Voltage:VOUT (V)
5
Input Voltage:VIN (V)
3.15
6.0
5.15
Input Voltage:VIN (V)
Data Sheet ud200527
27
XC6207 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Enable Response Time
XC6207A/B122xx
4 3 2 1 0 -1 -2
Ta=25 VIN=2.2V,CIN=1.0uF CL=4.7uF(ceramic) IOUT=1.0mA CE Input Voltage
2.4 2.0
4 3 2 1 0 -1 -2
Ta=25 VIN=2.8V,CIN=1.0uF CL=1.0uF(ceramic) IOUT=1.0mA
XC6207A/B182xx
3.6 3.0
CE Input Voltage:VCE V)
CE Input Voltage:VCE V)
Output Voltage:VOUT (V)
1.6 1.2 0.8 Output Voltage 0.4 0.0 Time (50usec/div)
CE Input Voltage
2.4 1.8 1.2
Output Voltage
0.6 0.0
Time (50usec/div)
4 3 2 1 0 -1 -2
Ta=25 VIN=2.2V,CIN=1.0uF CL=4.7uF(ceramic) IOUT=30mA
XC6207A/B122xx
2.4
CE Input Voltage:VCE V)
4 3 2 1 0 -1 -2
Ta=25 VIN=2.8V,CIN=1.0uF CL=1.0uF(ceramic) IOUT=30mA
XC6207A/B182xx
3.6 3.0
CE Input Voltage:VCE V)
Output Voltage:VOUT (V)
CE Input Voltage
1.6 1.2 0.8 Output Voltage 0.4 0.0 Time (50usec/div)
CE Input Voltage
2.4 1.8 1.2
Output Voltage
0.6 0.0
Time (50usec/div)
4 3 2 1 0 -1 -2
Ta=25 VIN=2.2V,CIN=1.0uF CL=4.7uF(ceramic) IOUT=100mA CE Input Voltage
XC6207A/B122xx
2.4 2.0
4 3
Ta=25 VIN=2.8V,CIN=1.0uF CL=1.0uF(ceramic) IOUT=100mA
XC6207A/B182xx
3.6 3.0
CE Input Voltage:VCE V)
CE Input Voltage:VCE V)
Output Voltage:VOUT (V)
1.6 1.2 0.8 Output Voltage 0.4 0.0 Time (50usec/div)
2 1 0 -1 -2
CE Input Voltage
2.4 1.8 1.2
Output Voltage
0.6 0.0
Time (50usec/div)
28
Output Voltage:VOUT (V)
Data Sheet ud200527
Output Voltage:VOUT (V)
2.0
Output Voltage:VOUT (V)
XC6207
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Enable Response Time (Continued)
Ta=25 VIN=4.0V,CIN=2.2uF CL=1.0uF(ceramic) IOUT=1.0mA CE Input Voltage 4 2 0 -2 -4 Time (50usec/div) Output Voltage 4 3 2 1 0
XC6207A/B302xx
8 6
6 5
8 6
Ta=25 VIN=6.0V,CIN=2.2uF CL=1.0uF(ceramic) IOUT=1.0mA
XC6207A/B502xx
7 6
CE Input Voltage:VCE V)
CE Input Voltage:VCE V)
Output Voltage:VOUT (V)
4 2 0 -2
CE Input Voltage
5 4 3 2
Output Voltage -4 -6 Time(50usec/div) 1 0
8 6
Ta=25 VIN=4.0V,CIN=2.2uF CL=1.0uF(ceramic) IOUT=30mA
XC6207A/B302xx
6 5
8 6
Ta=25 VIN=6.0V,CIN=2.2uF CL=1.0uF(ceramic) IOUT=30mA
XC6207A/B502xx
7 6 5
CE Input Voltage:VCE V)
CE Input Voltage:VCE V)
CE Input Voltage 4 2 0 -2 -4 Time (50usec/div) Output Voltage 4 3 2 1 0
Output Voltage:VOUT (V)
4 2 0 -2 -4 -6 Time (50usec/div) Output Voltage
4 3 2 1 0
XC6207A/B302xx Ta=25 VIN=4.0V,CIN=2.2uF CL=1.0uF(ceramic)
8 6 4 2 0 -2 -4 Time (50usec/div) Output Voltage IOUT=100mA CE Input Voltage 4 3 2 1 0 6 5
Output Voltage:VOUT (V)
8 6
Ta=25 VIN=6.0V,CIN=2.2uF CL=1.0uF(ceramic) IOUT=100mA
XC6207A/B502xx
7 6 5 4 3 2 1 0
CE Input Voltage:VCE V)
CE Input Voltage:VCE V)
4 2 0 -2 -4 -6
Output Voltage
Time (50usec/div)
Output Voltage:VOUT (V)
CE Input Voltage
Output Voltage:VOUT (V)
CE Input Voltage
Output Voltage:VOUT (V)
Data Sheet ud200527
29
XC6207 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Ripple Rejection Rate
XC6207A/B122xx
90 80 Ta=25 VIN2.25V DC+0.5Vp-pAC,IOUT=30mA,CL=4.7uF
XC6207A/B182xx
90 Ripple Rejection Rate: RR (dB) 80 70 60 50 40 30 20 10 0 0.01 0.1 1 10 100
Ta=25 VIN=VOUT(T)+1.0V DC+0.5Vp-pAC,IOUT=30mA,CL=1.0uF
Ripple Rejection Rate:RR (dB)
70 60 50 40 30 20 10 0 0.01 0.1 1 10 100
Ripple Frequency:f (kHz)
Ripple Frequency:f (kHz)
XC6207A/B302xx
Ta=25 VIN=VOUT(T)+1.0V DC+0.5Vp-pAC,IOUT=30mA,CL=1.0uF
90 80
XC6207A/B502xx
Ta=25 VIN=5.75V DC+0.5Vp-pAC,IOUT=30mA,CL=1.0uF
90 80
Ripple Rejection Rate:RR (dB)
Ripple Rejection Rate:RR (dB)
70 60 50 40 30 20 10 0 0.01 0.1 1 10 100
70 60 50 40 30 20 10 0 0.01 0.1 1 10 100
Ripple Frequency:f (kHz)
Ripple Frequency:f (kHz)
30
Data Sheet ud200527


▲Up To Search▲   

 
Price & Availability of XC6207B50APR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X